Part Number Hot Search : 
XXXXXXX6 MC34074 AEP15012 13000 GPH40 EPSA1 SM588X 16086
Product Description
Full Text Search
 

To Download T498X685M016ATE500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOLID TANTALUM CHIP CAPACITORS SOLID TANTALUM CHIP CAPACITORS
T498 SERIES--HIGH TEMPERATURE (150) (150) T498 SERIES--HIGH TEMPERATURE
T498 RATINGS & PART NUMBER REFERENCE
Features
* * * * * 150C Maximum temperature capability Temperature/Voltage derating: 2/3 at 150C Self-healing mechanism Capacitance: 0.47 to 220F Reliability: 0.5%/1000 Hrs. @ rated voltage @ rated temperature * * * * * * 100% Accelerated steady state aging 100% Surge current testing EIA standard case size Voltage: 6 to 50 VDC RoHS Compliant versions available Various termination options
Outline Drawings
CATHODE (-) END VIEW W SIDE VIEW B B H K X S T G S R P
Termination Termination cutout at cutout at KEMET's KEMETs Option, either Option, end either end
ANODE (+) END VIEW
BOTTOM VIEW
E A L
F
Dimensions - Millimeters (Inches)
Case Size
KEMET EIA L* W* H* K* 0.20 (.008) 0.9 (.035) 1.1 (.043) 1.4 (.055) 1.5 (.059) 2.3 (.091) F* 0.1 (.004) 1.2 (.047) 2.2 (.087) 2.2 (.087) 2.4 (.094) 2.4 (.094)
Component
S* 0.3 (.012) 0.8 (.031) 0.8 (.031) 1.3 (.051) 1.3 (.051) 1.3 (.051) B (Ref) 0.15 (.004) 0.4 (.016) 0.4 (.016) 0.5 (.020) 0.5 (.020) 0.5 (.020) X (Ref) 0.10 0.10 (.004 .004) 0.10 0.10 (.004 .004) 0.10 0.10 (.004 .004) 0.10 0.10 (.004 .004) 0.10 0.10 (.004 .004) P (Ref) 0.4 (.016) 0.5 (.020) 0.9 (.035) 0.9 (.035) 1.7 (.067) R (Ref) T (Ref) A (Min) G (Ref) E (Ref)
A B C D X
3216-18 3528-21 6032-28 7343-31 7343-43
3.2 0.2 1.6 0.2 1.6 0.2 (.126 .008) (.063 .008) (.063 .008) 3.5 0.2 2.8 0.2 1.9 0.2 (.138 .008) (.110 .008) (.075 .008) 6.0 0.3 3.2 0.3 (.236 .012) (.126 .012) 2.5 0.3 .098 .012
0.4 0.13 1.4 1.1 1.3 (.016) (.005) (.055) (.043) (.051) 1.0 0.13 2.1 1.8 2.2 (.039) (.005) (.083) (.071) (.087) 1.0 0.13 3.1 2.8 2.4 (.039) (.005) (.122) (.110) (.094) 1.0 0.13 3.8 3.5 3.5 (.039) (.005) (.150) (.138) (.138) 1.0 0.13 3.8 3.5** 3.5** (.039) (.005) (.150) (.138) (.138)
7.3 0.3 4.3 0.3 2.8 0.3 (.287 .012) (.169 .012) (.110 .012) 7.3 0.3 4.3 0.3 4.0 0.3 (.287 .012) (.169 .012) (.157 .012)
T498 Ordering Information T
Tantalum Series 498 - High Temp (150C) Case Size A,B,C,D,X Capacitance Picofarad Code First two digits represent significant figures. Third digit specifies number of zeros. Capacitance Tolerance M = 20% K = 10%
498
X
227
M
010
A
T
E500
ESR Note: in mOhm K designates "thousand" E1K5 = 1.5 Ohm E500 = 0.5 Ohm Lead Material T = 100% Tin G = Gold H = Tin/Lead (SnPb 5% Pb min) Failure Rate A = Not Applicable Voltage Note: 006 = 6.3
3 39
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
39
Solid Tantalum Surface Mount Solid Tantalum Surface Mount
SOLID TANTALUM CHIP CAPACITORS
T498 SERIES--HIGH TEMPERATURE (150)
T498 RATINGS & PART NUMBER REFERENCE
Capacitance F Case Size KEMET Part Number DC Leakage A @ 25C Max DF % ESR @ +25C @ +25C 120 Hz 100 kHz Max Max 2.1 1.8 1.3 1.7 0.8 0.6 4.6 3.6 2.9 2.7 1.8 1.5 1.8 1.5 1.1 0.6 0.6 0.5 6.5 3.4 2.1 2.6 1.8 2.8 1.4 1.1 1.0 0.6 0.6 0.6 0.1 5.9 1.1 8.5 3.0 1.1 0.7 0.6 0.6 11.0 10.0 3.3 1.7 0.9 0.7 0.5 0.5 1.1 1.0
10.0 15.0 22.0 33.0 47.0 100.0 2.2 3.3 4.7 4.7 10.0 15.0 15.0 22.0 22.0 47.0 100.0 220.0 1.0 3.3 4.7 6.8 6.8 10.0 10.0 15.0 22.0 33.0 47.0 68.0 100.0 1.0 10.0 0.47 2.2 10.0 15.0 22.0 33.0 0.33 1.0 1.5 3.3 6.8 10.0 22.0 33.0 3.3 10.0
B B C B C D A A A B B B C B C D D X A A B A B B C C C D D D X A C A B C D D D A A C C D D X X D D
**6 Volt Rating at +85C ( 4 Volt Rating at +150C) T498B106(1)006A(2)E2K1 0.7 6.0 T498B156(1)006A(2)E1K8 1.0 6.0 T498C226(1)006A(2)E1K3 1.4 6.0 T498B336(1)006A(2)E1K7 2.1 6.0 T498C476(1)006A(2)E800 3.0 6.0 T498D107(1)006A(2)E600 6.3 8.0 10 Volt Rating at +85C ( 7 Volt Rating at +150C) T498A225(1)010A(2)E4K6 0.5 6.0 T498A335(1)010A(2)E3K6 0.5 6.0 T498A475(1)010A(2)E2K9 0.5 6.0 T498B475(1)010A(2)E2K7 0.5 6.0 T498B106(1)010A(2)E1K8 1.0 6.0 T498B156(1)010A(2)E1K5 1.5 6.0 T498C156(1)010A(2)E1K8 1.5 6.0 T498B226(1)010A(2)E1K5 2.2 6.0 T498C226(1)010A(2)E1K1 2.2 6.0 T498D476(1)010A(2)E600 4.7 6.0 T498D107(1)010A(2)E600 10.0 8.0 T498X227(1)010A(2)E500 22.0 8.0 16 Volt Rating at +85C (11 Volt Rating at +150C) T498A105(1)016A(2)E6K5 0.5 4.0 T498A335(1)016A(2)E3K4 0.5 6.0 T498B475(1)016A(2)E2K1 0.8 6.0 T498A685(1)016A(2)E2K6 1.1 6.0 T498B685(1)016A(2)E1K8 1.1 6.0 T498B106(1)016A(2)E2K8 1.6 6.0 T498C106(1)016A(2)E1K4 1.6 6.0 T498C156(1)016A(2)E1K1 2.4 6.0 T498C226(1)016A(2)E1K0 3.6 6.0 T498D336(1)016A(2)E600 5.3 6.0 T498D476(1)016A(2)E600 7.5 6.0 T498D686(1)016A(2)E600 10.8 6.0 T498X107(1)016A(2)E100 16.0 8.0 20 Volt Rating at +85C (13 Volt Rating at +150C) T498A105(1)020A(2)E5K9 0.5 4.0 T498C106(1)020A(2)E1K1 2.0 6.0 25 Volt Rating at +85C (17 Volt Rating at +150C) T498A474(1)025A(2)E8K5 0.5 4.0 T498B225(1)025A(2)E3K0 0.6 6.0 T498C106(1)025A(2)E1K1 2.5 6.0 T498D156(1)025A(2)E700 3.8 6.0 T498D226(1)025A(2)E600 5.5 6.0 T498D336(1)025A(2)E600 8.3 6.0 35 Volt Rating at +85C (24 Volt Rating at +150C) T498A334(1)035A(2)E11K 0.5 4.0 T498A105(1)035A(2)E10K 0.5 4.0 T498C155(1)035A(2)E3K3 0.5 6.0 T498C335(1)035A(2)E1K7 1.2 6.0 T498D685(1)035A(2)E900 2.4 6.0 T498D106(1)035A(20E700 3.5 6.0 T498X226(1)035A(2)E500 7.7 6.0 T498X336(1)035A(2)E500 11.6 6.0 50 Volt Rating at +85C (34 Volt Rating at +150C) T498D335(1)050A(2)E1K1 1.7 6.0 T498D106(1)050A(2)E1K0 5.0 6.0
LAND PATTERN DIMENSIONS FOR REFLOW SOLDER
KEMET/ EIA Size Code A/3216-18 B/3528-21 C/6032-28 D/7343-31 X/7343-43 Pad Dimensions Y (Ref) 1.95 1.95 2.55 2.55 2.55 C (Ref) 2.75 3.05 5.05 6.35 6.35
Z 4.70 5.00 7.60 8.90 8.90
G 0.80 1.10 2.50 3.80 3.80
X 1.50 2.50 2.50 2.70 4.40
C
X G Z
Grid Placement Courtyard
Y
PACKAGING SPECIFICATIONS
Case Codes Tape Width (mm) 8 0.3 8 0.3 Tape & Reel Dimensions Pitch mm 0.1 Part Sprocket A B C D X 3216-18 3528-21 8 8 8 8 8 4 4 4 4 4 Reel Quantity 180mm 330mm (7") (13") 2000 2000 500 500 500 9000 8000 3000 2500 2000
KEMET
EIA
6032-28 12 0.3 7343-31 12 0.3 7343-43 12 0.3
COMPONENT MARKING
(HT) KEMET High Temp Rated Voltage Polarity Indicator (+)
227 10K 525
Print Week Code 1st Digit = Year 2nd & 3rd Digits = Week "525" = 25th Week of 2005
Picofarad Code KEMET ID
(1) To complete KEMET part number, insert K - 10% or M - 20% capacitance tolerance. (2) To complete KEMET part number, insert T for 100% tin, H for Sn/Pb or G for gold. ** 6 volt product equivalent to 6.3 volt product.
Note: Higher voltage ratings, lower ESR and tighter capacitance tolerance product may be substituted within the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating.
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Solid Tantalum Surface Mount
TANTALUM AND ALUMINUM CHIP CAPACITORS
Packaging Information
Tape & Reel Packaging
KEMET's Molded Tantalum and Aluminum Chip Capacitor families are packaged in 8 mm and 12 mm plastic tape on 7" and 13" reels, in accordance with EIA Standard 481-1: Taping of Surface Mount Components for Automatic Handling. This packaging system is compatible with all tape fed automatic pick and place systems.
Right Hand Orientation Only
Embossed Carrier
(+)
(-)
Embossment
Top Tape Thickness .10mm (.004") Max Thickness
8mm .30 8mm (0.315") (.315 .012") or or 12mm (0.472") 12mm .30 (.472 .012")
178mm (7.00") 180mm (7.0") oror 330mm (13.00") 330mm (13.0")
Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
QUANTITIES PACKAGED PER REEL
Case Code KEMET EIA R 2012-12 S 3216-12 T 3528-12 U 6032-15 W 7343-15 V 7343-20 A 3216-18 B 3528-21 C 6032-28 D 7343-31 Y 7343-40 X 7343-43 E 7260-38 Tape Width-mm 8 8 8 12 12 12 8 8 12 12 12 12 12 7" Reel* 2,500 2,500 2,500 1,000 1,000 1,000 2,000 2,000 500 500 500 500 500 13" Reel* 10,000 10,000 10,000 5,000 3,000 3,000 9,000 8,000 3,000 2,500 2,000 2,000 2,000
* No c-spec required for 7" reel packaging. C-7280 required for 13" reel packaging. * Standard reel packaging is not mandatory. * Bulk packaging also available using C-7610.
92
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Packaging
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum. 2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be: Tape Width Peel Strength 8 mm 0.1 Newton to 1.0 Newton (10g to 100g) 12 mm 0.1 Newton to 1.3 Newton (10g to 130g) The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with C-7280). Note that 13" reels are preferred. 4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
Table 1 -- EMBOSSED TAPE DIMENSIONS (Metric will govern) Constant Dimensions -- Millimeters (Inches)
Tape Size 8 mm and 12 mm D0 E P0 4.0 0.10 (0.157 0.004) P2 2.0 0.05 (0.079 0.002) T Max 0.600 (0.024) T1 Max 0.100 (0.004) 1.5 1.75 0.10 +0.10 -0.0 (0.059 (0.069 0.004) +0.004, -0.0) Pitch Single (4 mm) B1 Max. Note 1 4.4 (0.173) 12 mm Double (8 mm) 8.2 (0.323) D1 Min. Note 2 1.0
Variable Dimensions -- Millimeters (Inches)
Tape Size 8 mm F 3.5 0.05 P1 4.0 0.10 R Min. Note 3 25.0 T2 Max 2.5 (0.098) W 8.0 0.30 (.315 0.012) A0B0K0 Note 4
(0.039) (0.138 0.002) 1.5 5.5 0.05 (0.059) (0.217 0.002)
(0.157 0.004) (0.984) 8.0 0.10 30.0 (0.315 0.004) (1.181)
4.6 12.0 0.30 (0.181) (0.472 0.012)
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only. 2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment location and hole location shall be applied independent of each other. 3. Tape with components shall pass around radius "R" without damage (see sketch A). The minimum trailer length (Fig. 2) may require additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2) 4. The cavity defined by A0, B0, and K0 shall be configured to surround the part with sufficient clearance such that the chip does not protrude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.)
94
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information Embossed Carrier Tape Configuration (cont.)
20
Sketch D: Tape Camber (Top View)
1mm (0.039) Max.
250mm (9.843) Allowable camber to be 1 mm/250 mm.
1mm (0.039) Max.
400mm (15.75) Min.
Figure 2: Tape Leader & Trailer Dimensions (Metric Dimensions Will Govern)
Figure 3: Reel Dimensions (Metric Dimensions will govern)
Table 2 - REEL DIMENSIONS (Metric will govern)
Tape Size 8 mm A Max 330.0 (12.992) B* Min 1.5 (0.059) C 13.0 0.20 (0.512 0.008) D* Min 20.2 (0.795) N Min 50.0 (1.969) See Note 3 Table 1 W1 8.4 +1.5, -0.0 (0.331 +0.059, -0.0) 12.4 +2.0, -0.0 (0.488 +0.078, -0.0) W2 Max 14.4 (0.567) W3 7.9 Min (0.311) 10.9 Max (0.429) 11.9 Min (0.469) 15.4 Max (0.606)
12 mm
330.0 (12.992)
1.5 (0.059)
13.0 0.20 (0.512 0.008)
20.2 (0.795)
18.4 (0.724)
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
95
Packaging


▲Up To Search▲   

 
Price & Availability of T498X685M016ATE500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X